PART |
Description |
Maker |
APT20M38SVFR APT20M38BVFRG APT20M38BVFR06 APT20M38 |
Power FREDFET; Package: D3 [S]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
APT14F100S APT14F100B09 |
Power FREDFET; Package: D3 [S]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 14 A, 1000 V, 0.98 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel FREDFET 14 A, 1000 V, 0.98 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
Microsemi, Corp. Microsemi Corporation MICROSEMI POWER PRODUCTS GROUP
|
APT50M60L2VFR_04 APT50M60L2VFR APT50M60L2VFR04 APT |
77 A, 500 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS V㈢ FREDFET POWER MOS V? FREDFET
|
MICROSEMI POWER PRODUCTS GROUP MICROSEMI[Microsemi Corporation]
|
CPC1718 CPC1718J |
ISOPLUS垄芒-264 DC Power Relay ISOPLUS??264 DC Power Relay ISOPLUS?264 DC Power Relay
|
Clare, Inc.
|
APT64GA90LD30 |
Insulated Gate Bipolar Transistor - Power MOS 8; Package: TO-264; BV(CES) (V): 900; VCE(sat) (V): 3.1; IC (A): 64; 117 A, 900 V, N-CHANNEL IGBT, TO-264AA
|
Microsemi, Corp.
|
APT10M11JVFR |
Power FREDFET; Package: ISOTOP®; ID (A): 144; RDS(on) (Ohms): 0.011; BVDSS (V): 100; 144 A, 100 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
FGL40N120ANTU |
1200V NPT IGBT; Package: TO-264; No of Pins: 3; Container: Rail 64 A, 1200 V, N-CHANNEL IGBT, TO-264AA
|
Fairchild Semiconductor, Corp.
|
CPC192710 |
ISOPLUS?264 Power Relay
|
Clare, Inc.
|
APT11058JFLL |
POWER MOS 7 FREDFET
|
Advanced Power Technology
|
APT20M18B2VFR_04 A20M18LVFR APT20M18B2VFR APT20M18 |
POWER MOS V FREDFET
|
ADPOW[Advanced Power Technology]
|
|